PART |
Description |
Maker |
SC16C2550 SC16C2550IA44 SC16C2550IN40 SC16C2550IB4 |
DUAL UART WITH 16 BYTES OF TRANSMIT AND RECEIVE FIFOS AND INFRARED (IRDA) ENCODER/DECODER
|
PHILIPS[Philips Semiconductors]
|
SC16C550IA44 SC16C550 SC16C550IB48 SC16C550IN40 |
Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
|
PHILIPS[Philips Semiconductors]
|
SC68C652BIB48 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
|
NXP Semiconductors
|
SC16C654DBIB64 SC16C654B SC16C654BIA68 SC16C654BIB |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder From old datasheet system
|
PHILIPS[Philips Semiconductors]
|
SC16C650AIN40 SC16C650AIB48 SC16C650AIA44 SC16C650 |
1 CHANNEL(S), 3M bps, SERIAL COMM CONTROLLER, PQCC44 Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
|
NXP Semiconductors
|
LTC4075EDDPBF |
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
Linear Technology, Corp.
|
RPM-801CB |
IrDA Infrared Communication IC(IrDA 红外通信芯片) IrDA红外通信集成电路(的IrDA红外通信芯片
|
Rohm Co., Ltd.
|
RPM870-H7 |
IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power) Photo Link Modules > IrDA infrared communication modules > IrDA infrared communication modules
|
http:// ROHM[Rohm]
|
UR5HCSPI-06-XX-FB UR5HCSPI-06-XX-FN UR5HCSPI-06-FN |
Intel® IXP2325 Network Processor Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 零PowerTM键盘编码 ENCODER|CMOS|QFP|44PIN|PLASTIC 编码器|的CMOS | QFP封装| 44PIN |塑料
|
Semtech Corporation Semtech, Corp. PhaseLink, Corp.
|
PET5GY50MR PET6BK100C PET12GY25MR PET6GY100C |
4Mbps IrDA Infrared Receiver Single Cell Micropower 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 编织套管2500 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 编织套管100
|
NEC, Corp. Maxim Integrated Products, Inc.
|
LTC3552-1 LTC3552EDHC-1TRPBF LTC3552-1-15 |
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.6 A BATTERY CHARGE CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO16
|
http:// Linear Technology, Corp.
|
TOIM4232-TR1 |
TOIM4232 SIR Endec for IrDA® Applications Integrated Interface Circuit
|
Vishay Semiconductors
|